PART |
Description |
Maker |
IW4050BN IW4050B IW4050BD |
Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
|
INTEGRAL[Integral Corp.]
|
KK4049B KK4049BD |
Hex Buffer/Converter High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
PIC18LC442-E/JW PIC18C442-E/JW PIC18C452-E/L PIC18 |
Fuse, Current Rating Of Fuse 3Ampere, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 500mA, RMS Voltage Rating AC 250 Volt Fuse, Current Rating Of Fuse 5 Ampere, RMS Voltage Rating AC 250 Volt Hex Buffer with Enable; Package: SOEIAJ-16; No of Pins: 16; Qty per Container: 50 BBG ECL BUFR W ENABLE HEX; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 366 HEAD & 300 VISE WIRE MANAGER FOR 366 OR 376 JAWS Hex Buffer with Enable; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 BBG ECL BUFR W ENABLE HEX; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Hex Inverter with Enable; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 Dual 4-5-Input OR/NOR; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0A / D High-Performance Microcontrollers with 10-Bit A/D 高性能微控制器0位A / D Busss Heat Limiter Class T 高性能微控制器0A / D
|
Microchip Technology Inc. Microchip Technology, Inc.
|
TC4049BP07 |
Hex Buffer/Converter
|
Toshiba Semiconductor
|
HCF4010B01 |
HEX BUFFER/CONVERTER (NON INVERTING)
|
STMicroelectronics
|
MM74HC4049 MM74HC4050 MM74HC4049M MM74HC4049MTC MM |
ANA AIR CORE TACH/SPD DRV; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP16 Hex Inverting Logic Level Down Converter • Hex Inverting Logic Level Down Converter . Hex Logic Level Down Converter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor] http://
|
M54HC404904 M54HC4049D M54HC4049D1 M54HC4049K M54H |
RAD-HARD HEX BUFFER/CONVERTER (INVERTER)
|
ST Microelectronics STMicroelectronics
|
CD4010BMS FN3078 |
From old datasheet system CMOS Hex Buffer/Converter
|
INTERSIL[Intersil Corporation]
|
M74HC367 M74HC367B1R M74HC367C1R M74HC367F1R M74HC |
HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER (3-STATE) HEX BUS BUFFER (3-STATE) HC367 NON INVERTING, HC368 INVERTING HEX BUS BUFFER 3-STATE HC367 NON INVERTING / HC368 INVERTING 8-Bit, 10 us DAC, Serial Input, Quad DAC, Pgrmable 1x or 2x Output, Simultaneous Update 14-SOIC 0 to 70 HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING 六角总线缓冲器的三态非反相HC367,HC368反相
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
TC74HC367AF TC74HC367AFN TC74HC367AP TC74HC368AF T |
HEX BUS BUFFER 六角总线缓冲 HEX BUS BUFFER NON-INVERTED (3-STATE)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
KK74AC34N KK74AC34D |
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
|
KODENSHI KOREA CORP. KODENSHI CORP.
|